Part Number Hot Search : 
150B1 OP284FSZ AK4388ET AD5684R 6152A30 M51955A TDA3803A STP4NB30
Product Description
Full Text Search
 

To Download BKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ARINC 600
Low insertion force contacts. Both environmental and non- environmental versions. Polarizing posts that are removable from the mating face. Field replaceable inserts for size 22 and power contacts. Up to 800 size 22 contacts in one connector. Crimp, coax, power, printed circuit and wire wrappable post style contacts. Uses standard DPX crimp, insertion/extraction tooling. Waveguide connections available.
BKAD/E/F
BKAD/E
Rear Release/Rear Removable Size 12, 16, 20, 22 Crimp Contacts
BKAF
Front Release/Front Removable Size 22 Solder Tail and Wrap Post Contacts
BKAD/E connectors represent a major milestones in presenting a new rack and panel connector for support of the air transportation market. Several important design concerns have been addressed and solved in this new series. High mating forces of pluggable modules in a rack have been reduced by approximately two-thirds. The low insertion force contacts are also interchangeable with the contacts used in the DPX series and permit retrofit of existing equipment.
This new connector is totally intermateable and intermountable with ARINC 600 connectors now in the field. The BKAF permits the user to easily replace a contact in case of problems, rather than disassemble the entire connector--it is available with size 22 contacts in wrap post or solder-tail versions. The system maintains the advantages of low insertion force technology incorporated in all ARINC 600 connectors.
Pos-Aline Connector Construction Feature
In the ARINC 600 connector series, Size 22 contacts are the only size that utilize this design feature. The hooded socket extends from its insulator while the pin contacts are shrouded by its front insulator. All other contacts used in this series employ standard contact design. The result is that the complement of contacts for the plug connectors will consist of pin contacts for size 22 and socket contacts for all others. The receptacle contacts will be just the reverse, socket contact for size 22 and pin contacts for the balance.
Material Specifications
BKAD Material Shell & Waveguide Finish Insulator Material Material Contacts Finish Termination Grommets/Seals O-Ring Material Material Aluminum alloy Alodine 1200 Thermoset Copper alloy Gold over Nickel Crimp N/A N/A BKAE Aluminum alloy Alodine 1200 Thermoset Copper alloy Gold over Nickel Crimp Silicone-based Elastomer Silicone-based Elastomer BKAF Aluminum alloy Alodine 1200 Thermoset Copper alloy Gold over Nickel P.C./Wrap Post N/A N/A Specifications QQ A-591/A380 MIL-C-5541 N/A QQ-C-533 MIL-G-45204 N/A N/A N/A
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
2
ARINC 600
How to Order
BKA CONNECTOR SERIES CLASS SHELL SIZE CONNECTOR LAYOUT DESCRIPTION SIZE 1 COAX INSERT MODIFIER BOEING COAX MODIFIER SHELL STYLE CONNECTOR MOUNTING MODIFIER POLARIZING POSITION MODIFIER (Contact, Finish, Material) * = For Polarizing Position greater then 99, add third digit. CONNECTOR SERIES BOEING COAX MODIFIER
Boeing Coax Code AA AB AC AD AE AF ITTC Code Blank B C D E F
BKAD/E/F
D 2 A234 M * 3 00 01 * F0
BKA (Per ARINC 600)
CLASS
ITTC Coax Contacts Supplied Plug Connector No Coax Supplied 349-0013-000 349-0015-000 349-0013-000 349-0017-000 349-0015-000 349-0018-000 349-0015-000 349-0017-000 Receptacle Connector No Coax Supplied 349-0014-000 349-0016-000 349-0014-000 349-0002-000 349-0016-000 349-0004-000 349-0016-000 349-0002-000
D E F
- Non-environmental (rear release, crimp contacts) Environmental (rear release, crimp contacts) Non-environmental (front release, solder and wrap post #22 contact, rear release all others) Same as E, except uses BKAD shells, and Less 0 rings on plug side. Environmental (0-ring is used to seal between connector shell and insulators) with rear release, crimp contacts. Non-environmental connector using filtered contacts (reference Cannon Phoenix)
C S
-
SHELL STYLE
3 - Plug (rack side) 4 - Receptacle (box side)
CONNECTOR MOUNTING MODIFIER
T
-
00 01 -
Standard design, .148 dia. holes With #6-32 ESNA (#12 NCFMA2-62) clinch nuts (see chart)
Connector Size 1 2 3 Number of Clinch Nuts Plug 4 4 8 Receptacle 4 6 10
SHELL SIZE
1 2 3
- Max. contact capacity - 125 - Max. contact capacity - 400 - Max. contact capacity - 800 02 03 08 -
CONNECTOR LAYOUT DESCRIPTION
(See page 4)
SIZE 1 COAX INSERT MODIFIER
M
- Connector contains modified 71W1 or 2W2 insert (four MTG screw hole locations and coaxial contact used in this insert are interchangeable between different manufacturers
NOTE: A dash must be inserted whenever code does not apply.
09 -
16 -
17 -
23 -
Size 1 receptacle only - less 3 printed circuit board mounting lugs With #4-40 ESNA (#22 NCFMA2-40) clinch nuts (see chart) Size 2 and 3 plug and receptacle only - with #4-40 ESNA (#22 NCFMA2-40) clinch nuts (all mounting holes) Size 2 and 3 plug and receptacle only - with #6-32 ESNA (#12 NCFMA2-62) clinch nuts (all mounting holes) Same as - 00 mounting modification except with nickel finished shells .0008 - .0012 thick with EMI grounding spring for plug shells and supplied with non-environmental inserts. Same as - 00 mounting modification except with nickel finished shells .0008 - .0012 thick with EMI grounding spring for plug shells and supplied with environmental inserts not potted into shell. With floating eyelets (.048 min. radial float) 4 corner holes per connector.
Consult factory if other modifications are required
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
3
A R INC 600
How to Order (Continued)
CONNECTOR LAYOUT DESCRIPTION Note: All layouts with "OPEN' insert cavity are not supplied with an insulator. If a Blank insert is required please consult factory. Three Digit Number Contained within the Shell Layout Indicates Total Number of Contacts Available (including Waveguide)
Connector Layout -005 -060 A060 -065 A065 -120 -125 -013 -017 -071 A071 -085 A085 86M -093 -100 -137 -T141 -142 -155 155M V155M 158M -A158M -163 A163 -164 A164 165M -A165M -167 173M Shell Size 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 Shell Cavity Identification A OPEN OPEN 60 OPEN 60 60 60 OPEN 2W2 OPEN 71W1 Waveguide 71W1 2W2 4W4 OPEN 121 120T2 71W1 71W1 71W1A 71W1B 2W2 2W2 OPEN 150 150 Waveguide 150 2W2 4W4 2W2 B OPEN 60 OPEN 60 Open 60 60 OPEN 2W2 71W1 OPEN 71W1 Waveguide 71W1A 4W4 OPEN 10T10 10T10 71W1 71W1 71W1A 71W1A 71W1A 71W1B 150 OPEN Waveguide 150 2W2 150 150 71W1B C 5W2 OPEN OPEN 5W2 5W2 OPEN 5W2 13W2 13W2 OPEN OPEN 13W2 13W2 13W2 85 100 6T6 13W2 OPEN 13W2 13W2 13W2 85 85 13W2 13W2 13W2 13W2 13W2 13W2 13W2 100 708 D E F Ref. ARINC Characteristic Connector Layout -T173 234 A234 -246 -248 250 250A -251 -300 -306 -313 -370 -400 -021 -026 -113 -A113 -114 -284 -310 -330M -A330M -496 -600 -626 -713 A713 -734 -764 -800 -269M 271C 271M -326 Shell Size 2 2 2 2 2 2 2 2 2 2 2 2 2 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 Shell Cavity Identification A 150 150 71W1 120T2 121 OPEN 150 Waveguide 150 150 150 150 150 4W4 OPEN OPEN OPEN 4W4 71W1 71W1 2W1 150 121 150 150 150 150 150 150 150 2W2 4W4 2W2 OPEN B 10T10 71W1 150 120T2 121 150 BLANK 150 150 150 150 120T2 150 4W4 OPEN OPEN OPEN 4W4 71W1 71W1 2W2 150 121 150 150 150 150 150 150 150 2W2 4W4 2W2 150 C 13W2 13W2 13W2 6T6 6T6 100 100 100 OPEN 6T6 13W2 100 100 13W2 13W2 100 13W2 4W4 OPEN 13W2 13W2 13W2 121 OPEN 13W2 100 13W2 100 64 100 13W2 13W2 13W2 13W2 BLANK OPEN OPEN OPEN 4W4 71W1 71W1 150 2W2 121 150 150 150 150 150 150 150 2W2 BLANK 4W4 OPEN D E
B K A D/E /F
F
Ref. ARINC Characteristic
709 727
OPEN OPEN OPEN OPEN 13W2 71W1 71W1 150 2W2 6T6 150 150 150 150 150 150 150 150 150 150 150
OPEN 13W2 13W2 100 85 OPEN 13W2 13W2 13W2 6T6 OPEN 13W2 13W2 100 3W 100 100 100 100 100 13W2 732
NOTE. ANY OTHER COMBINATION OF INSERTS WITHIN A SPECIFIC SHELL IS AVAILABLE UPON REQUEST Layout included in the following ARINC configurations 702, 710, 711, 712, 714, 715, 716, 723. Layout included in the following ARINC configurations 707, 718 & 730. Layout included in the following ARINC configurations 701, 702, 703, 704, 705, 706, 724, 725. Layout included in the following ARINC configurations 701, 717, 726, 729.
POLARIZING POSITION 01 thru 99 (per ARINC 600) Blank-Polarizing posts or keys not installed but supplied with connector MODIFIER (Contact, Finish, Material) Blank - Rear release, crimp, signal and power contacts supplied with connector (when applicable) FO Contacts not supplied with connector (FO not stamped on connector) FOO - Less contacts and waveguide (FOO not stamped on connector) SA Front release .025(0.63) D. x .150 (3.81) solder post and crimp, rear release power contacts (when applicable) supplied with connector SB Front release .025(0.63) D. x .250 (6.35) solder post and crimp, rear release power contacts (when applicable) supplied with connector SC Front release .025(0.63) D. x .375 (9.53) solder post and crimp, rear release power contacts (when applicable) supplied with connector Front release .025(0.63) D. x .500 (12.7) solder post and crimp, rear release power contacts (when applicable) supplied with connector Front release .025(0.63) Sq. x .250 (6.35) (1 wrap) wrap post and crimp, rear release power contacts (when applicable) supplied with connector Front release .025(0.63 Sq. x .375 (9.53) (2 wraps) wrap post and crimp, rear relase power contacts (when applicable) supplied with connector WC Front release .025(0.63) Sq. x 500 (12.7) (3 wraps) wrap post and crimp, rear release power contacts (when applicable) supplied with connector Front release .025 (0.64) Sq. x 641 (16.28) (3 wraps) wrap post and crimp, rear release power contacts (when applicable) supplied with connector
SD -
WD -
WA -
NOTE: COAXIAL CONTACTS TO BE ORDERED SEPARATELY
WB -
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
4
ARINC 600
Shell Dimensions - Size 1
Plug
BKAD/E/F
.205 (5.21)* .195 (4.95)
BKAE SERIES 1.402 (35.61)MAX .130 (3.30) .120 (3.05) .385 (9.78) MAX BKAD SERIES 1.102 (27.99) MAX 1.195 (30.35)MAX
1.110 (28.19) 1.090 (27.69) .655 (16.64) .645 (16.38) .148 + .003 (3.76 + 0.08)DIA _ _ 4 PLCS MTG HOLES 1.150(29.21)MIN .653 (16.59) .647 (16.43)
.5.465 (138.81) 5.455 (138.56)
.125 (3.18)* .105 (2.67)
A .180 (4.57) .166 (4.22) D 4 PL
A 6.995 MAX (177.67) .135 (3.43)* .115 (2.92) B B 6.500 MAX (165.10) 6.355 (161.42) 6.345 (161.16) 6.890 (175.01) MIN
3.825 (97.16) 3.815 (96.90)
6.645 (168.78) 6.629 (168.38)
.030 R MAX (.76) 4 PL .120 R MAX (3.05) 4 PL
2.059 (52.30) 2.049 (52.04) 1.313 (33.35) 1.303 (33.10) C .620MIN (15.75) .479 (12.17) .469 (11.91) C
6.353 (161.37) 6.347 (161.21)
.6.515 MIN (165.48)
.030 (.76)R MAX 4 PL .250 (6.35) MAX
.608 MAX (15.44)
.830 (21.08) .820 (20.83)
.135 (3.43) .125 (3.18) .575 (14.60) .565 (14.35) .705 (17.91) .695 (17.65) BKAD SERIES 1.198 (30.43) MAX BKAE SERIES 1.550 (39.37) MAX
.188 (4.78) .184 (4.67)
3.85 (9.78) 3.75 (9.52) .191 (4.85) 189 (4.80) 3 PL
Retainer Plate
Size 1 Plug
Panel Cutout
* This dimension indicates distance from centerline of retaining screw to the centerline of first contact cavity. For further information, refer to ARINC 600 specification or consult factory.
Receptacle
BKAE SERIES 1.531 (38.89) MAX .205 (5.21)* .195 (4.95) BKAD/BKAF SERIES 1.221 (31.01) MAX .130 (3.30) .120 (3.05) .125 (3.18)* .105 (2.67)
1.010 (25.65) .990 (25.15) .655 (16.64) .645 (16.38) .148 + .003 (3.76 + 0.08)DIA _ _ 4 PLCS MTG HOLES
.240 (6.10)MAX
.191 (4.85) 2 PL .189 (4.80)
.030 R (.76) MAX 2 PL
5.465 (138.81) 5.455 (138.56)
A
A
.135 (3.43)* .115 (2.92) 3.825 (97.16) 3.815 (96.90)
B
7.455 MAX (189.36)
6.355 (161.42) 6.345 (161.16)
6.870 (174.50) MIN 6.353 (161.37) 6.347 (161.21) .287 R (7.29) MAX 4 PL
6.627 (168.33) 6.607 (167.82) B
2.059 (52.30) 2.049 (52.04)
1.313 (33.35) 1.303 (33.10)
C
.240 (6.10) MAX
.120 R (3.05) MAX 4 PL
C .180 (4.57) .166 (4.22) D 4 PL BKAD/BKAF SERIES 1.317 (33.45) MAX BKAE SERIES 1.670 (42.42) .188 (4.78) .184 (4.67) 3.65 (9.27) 3.55 (9.02) .653 (16.59) .647 (16.43)
.135 (3.43) .125 (3.18) .810 (20.57) .800 (20.32) .575 (14.60) .565 (14.35) .705 (17.91) .695 (17.65)
.930 (23.62) MIN
Retainer Plate
Size 1 Receptacle
Panel Cutout
*This dimension indicates distance from centerline of retaining screw to the centerline of first contact cavity. For further information, refer to ARINC 600 specification or consult factory.
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
5
ARINC 600
Shell Dimensions - Size 2
Plug
1.810 (45.97) 1.790 (45.47) 1.431 (36.35) 1.421 (36.09) .655 (16.64) .645 (16.38) .148 + 003 (3.76 + 0.08) DIA _ _ 10 PLCS MTG HOLES 191 (4.85) 189 (4.80) 3PL
BKAD/E/F
BKAE SERIES 1.402 (35.61) MAX .130 (3.30) .120 (3.05) 1.195 MAX (30.35) BKAD SERIES 1.102 (27.99) MAX
260 (6 60)* 250 (6 35) .070 (1.78)* .050 (1.27)
653 (16.59) 647 (16.43)
030 (.76) R MAX 4 PL
A 5.355 (136.02) 5.345 (135.76) A 030 R (.76) MAX 4 PL 6.353 (161.37) 6.347 161.21 120 R (3.05) MAX 4 PL C .620 MIN (15.75) 2.135 (54.23) 2.125 (53.98) C .180 (4.57) 166 D (4.22) 8 PL 6.515 MIN (165.48) 6.890 (175.01) MIN
6.360 (161.54) 6.340 (161.04) B 135 (3.43)* 115 (2.92) 3 770 (95.76) 3 760 (95.50) B 6 995 MAX (177.67) 6.500 MAX (165.10)
6.645 (168.78) 6.629 (168.38)
2 004 (50.90) 1 994 (50.65) 1 258 (31.95) 1 248 (31.70)
.608 MAX (15.44)
.865 (21.97) .855 (21.72)
168 (4.27) 158 (4.01) BKAD SERIES 1.198 (30.43) MAX BKAE SERIES 11550 (39.37) MAX
188(4.78) 184(4.67)
1 415 (35.94) 1 405 (35.69)
385 (9.78) 375 (9.52)
1.429 (36.30) 1.423 (36.14) 1.850 MIN (46.99)
250 MAX (6.35)
Retainer Plate
Size 2 Plug
Panel Cutout
* This dimension indicates distance from centerline of retaining screw to the centerline of first contact cavity. For further information, refer to ARINC 600 specification or consult factory.
Receptacle
BKAE SERIES 1.531 (38.89) MAX BKAD/BKAF SERIES 1.221 (31.01)MAX 130 (3.30 .120 (3.05) 260 (6.60)* 250 (6.35) .070 (1.78)* .050 (1.27)
1.810 (45.97) 1.790 (45.47) 1.431 (36.35) 1.421 (36.09) .655 (16.64) .645 (16.38) .148 .003 (3.76 + 0.08) DIA. _ 10 PLCS MTG HOLES 191 (4.85) 189 (4.80) 2 PL
1.530 (38.86) MIN
240 (6.10) MAX A A 6.353 (161.37) 6.347 (161.21) 1.429 (36.30) 1.423 (36.14) 3 PL
5.335 (136.02) 5.345 (135.76)
030 R (76) MAX 2 PL .180 (4.57) .166 D (4.22) 10 PL .260 (6.60) .230 (5.84) 2 PL .120 R (3.05) MAX 4 PL
6.975 MAX (177.16) .135 (3.43)* .115 (2.92) 3.770 (95.76) 3.760 (95.50) B
B
6.360 (161.54 6.340 (161.04
6.870 (174.50) MIN
6.627 (168.33) 6.607 (167.82) 2.004 (50.90) 1.994 (50.65) 1.258 (31.95) 1.248 (31.70) C 2.135 (54.23) 2.125 (53.98) 2.780 (70.61) MAX 2.133 (54.18) 2.127 (54.03)
C
2.200 (55.88) MIN
.865 (21.97) .855 (21.72)
.168 (4.27) .158 (4.01) 1.415 (35.94) 1.405 (35.69)
BKAD/BKAF SERIES 1.317 (33.45) BKAE SERIES 1.670 (42.42)
.188 (4.78) .184 (4.67)
.365 (9.27) .355 (9.02)
.240 MAX (6.10)
.287 R (7.29) MAX 8 PL .653 (16.59) .647 (16.43) 2 PLC
Retainer Plate
Size 2 Receptacle
Panel Cutout
*This dimension indicates distance from centerline of retaining screw to the centerline of first contact cavity. For further information, refer to ARINC 600 specification or consult factory.
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
6
ARINC 600
Shell Dimensions - Size 3
Plug
3.275 (83.18) 3.245 (82.42) 2.891 (73.43) 2.881 (73.18) 1.955 (49.66) 1.945 (49.40) .655 (16.64) .645 (16.38) .148 + .003 DIA. _ (3.76 + 0.08) _ 14 PLCS MTG HOLES 1.953 (49.61) 1.947 (49.45)
BKAD/E/F
BKAE SERIES 1.402 (35.61) MAX 1.150 MAX (29.21) .260 (6.60)* .250 (6.35) .070 (1.78)* .060 (1.52) .130 (3.50) .120 (3.05) BKAD SERIES 1.102 (27.99) MAX
3.310 MIN (84.07) .030 (.76)R MAX 4 PL
5.355 (136.02) 5.345 (135.76) .030 R MAX (.76) 4 PL .135 (3.43)* .115 (2.92) 6.355 (161.42) 6.345 (161.16) 6.500 (165.10) MAX 6.995 MAX (177.67) 2.004 (50.90) 1.994 (50.65) 1.258 (31.95) 1.248 (31.70) 620 MIN (15.75) 2.135 (54.23) 2.125 (53.98) 6.353 (161.37) 6.347 (161.21) .120 R MAX (3.05) 4 PL 6.515 MIN (165.48) .590 MAX (14.99) .385 (9.78) .375 (.952)
6.645 (168.78) 6.629 (168.38)
3.770 (95.76) 3.760 (95.50) 1.68 (4.27) .158 (4.01) 1.252 (31.80) 1.242 (31.55) 1.440 (36.58) 1.430 (36.32) 2.712 (68.88) 2.702 (68.63) 2.875 (73.02) 2.865 (72.77) BKAD SERIES 1.198 (30.43) MAX. BKAE SERIES 1.550 (39.37) MAX .188 (4.78) .184 (4.67)
.890 (22.61) .870 (22.10)
.180 (4.57) D .250 .166 (4.22) (6.35) MAX 12 PL .653 (16.59) .647 (16.43)
.2.889 (73.38) 2.883 (73.23)
.191 (4.85) .189 (4.80) 3 PL
Retainer Plate
Size 3 Plug
Panel Cutout
* This dimension indicates distance form centerline of retaining screw to the centerline of first contact cavity. For furter information, refer to ARINC 600 specification or consult factory.
Receptacle
3.275 (83.18) 3.245 (82.42) BKAE SERIES 1.531 (38.89) MAX BKAD/BKAF SERIES 1.221 (31.01)MAX .260 (6.60)* .250 (6.35) .130 (3.30) .120 (3.05) .655 (16.64) .645 (16.38) 2.891 (73.43) 2.881 (73.18) 1.955 (49.66 1.945 (49.40) 3.000 (76.20) MIN .148 + .003 DIA. _ (3.76 + 0.08) _ 14 PLCS MTG HOLES .191 (4.85) .189 (4.80) 3 PL 2.889 (73.38) 2.883 (73.23) 3 PL .287 R MAX (7.29) 8 PL
5.355 (136.02) 5.345 (135.76)
.070 (1.78)* .060 (1.52) 6.355 (161.42) 6.345 (161.16) .135 (3.43)* .115 (2.92) 6.975 MAX (177.16)
.240 MAX (6.10) .030 R MAX (.76) 2 PL .120 R MAX (3.05) 4.PL .180 (4.57) .166 (4.22) 14 PL D
6.627 (168.33) 6.607 (167.82)
.960 (24.38) .930 (23.62) 2 PL
6.870 (174.50) MIN
2.004 (50.90) 1.994 (50.65) 1.258 (31.95) 1.248 (31.70) 2.135 (54.23) 2.125 (53.98)
2.780 (70.61) MAX 2.133 (54.18) 2.127 (54.03)
2.20 (55.88) MIN
3.770 (95.76) 3.760 (95.50) BKAD/BKAF SERIES 1.317 (33.45)MAX BKAE SERIES 1.670 (42.42 )MAX .188 (4.78) .184 (4.67)
.870 (22.10) .850 (21.59)
1.68 (4.27) .158 (4.01)
1.252 (31.80) 1.242 (31.55)
.365 (9.27) .355 (9.02)
.240 (6.10) MAX.
1.440 (36.58) 1.430 (36.32)
1.953 (49.61) 2 PL 1.947 (49.45)
.653 (16.59) 2 PL .647 (16.43)
2.875 (73.02) 2.865 (72.77)
2.712 (68.88) 2.702 (68.63)
Retainer Plate
Size 3 Plug
Panel Cutout
* This dimension indicates distance form centerline of retaining screw to the centerline of first contact cavity. For furter information, refer to ARINC 600 specification or consult factory.
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
7
ARINC 600
Contact Arrangements - Shell Size 1
BKAD/BKAE (Plug Rear face shown)
BKAD/E/F
BKAF - Available Receptacle Shell Only (Front Release) Shell Cavity C
B 2 C D 2 3 4 5 6 1 7 8 7 8 9 10 11 12 13 14 15 B C D 4 5 3 4 2 3 2 2 3 4 5 6 7 8 9 10 1 7 8 9 10 11 12 13 14 15 B C D 7 8 9 3 10 11 12 13 14 15 5 4 2 1 A B C D 2 3 4 5 6
Shell Cavity A or B
A 1 B C
Shell Cavity A or B
B C D 2 3 4 5 6
Shell Cavity C
2 3 3 4 5 6 7 1T 4 5 6
1
9 10 11 12
2T 13 14 15
30T2 28 #22 2 #8 TWINAX/COAX (#8 Grounded to Shell)
60 60 #22
4 4 #12
5W2 1 #12 2 #16 2 #5 COAX
40 40 #22
60 60 #22
5W2 1 #12 2 #16 2 #5 COAX
REAR SURFACE WHITE ON BLUE TO INDICATE REAR RELEASE REAR REMOVAL CONTACTS
ENGAGING END SURFACE WHITE ON RED TO INDICATE FRONT RELEASE FRONT REMOVAL CONTACTS
(For Contact Cavity Location and Contact Cavity Identification refer to ARINC 600 or consult factory)
Contact Arrangements - Shell Sizes 2 and 3
BKAD/BKAE (Plug Rear face shown) Shell Cavity C or F
1 2 1 4 3 2 1 1 5 6 2
3
2
3
6 8 7
5
7
8
4
5
4 10 11 9
9 15
14 20
6
5
6 13 12
21
22
23 3
24 4
6** 6 #8
6T6** 6 #8 (Metallic Insert)
13W2 4 #20, 4 #12, 3 #16 2 #5 COAX
24T4** 20 #20, 4 #8
1 7 13
6 12 18
A 1 2 3 4 5
B
C
D
E
F
G
H
J
K 2 3 4 5 6
B
C
D
E
F
G
H
J
K 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 9
B
C
D
E
F
G
H
J
K 1 2 3 4 5 6 7 8 9
19
24
25
29
51
52
53
54
55
7 8
30
34
56
57
58
59
B
C
D
E
F
G
H
J
K
1
2
3
4
5
10
B
C
D
E
F
G
H
J
K
10
34** 24 #20, 10 #18
**Pending ARINC release.
59** 50 #22, 5 #16, 4 #12
85 80 #22, 4 #20, 1 #16
100 100 #22
NOTE: In layouts using #22 contacts mixed with any other contact size (20HD, 16, 12), the size #22 contact type (pin or socket) determines the insulator as a pin insert or a socket insert. REAR SURFACE WHITE ON BLUE TO INDICATE REAR RELEASE, REAR REMOVAL CONTACTS FOR INSERTS CONTAINING STANDARD SIGNAL & POWER CONTACTS (For Contact Cavity Location and Contact Cavity Identification refer to ARINC 600 or consult factory)
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
8
ARINC 600
Contact Arrangements - Shell Sizes 2 and 3
BKAD/BKAE (Plug Rear face shown) Shell Cavity A,B,D,E
BKAD/E/F
2W2 2 #1 COAX
4W4 4 Modified #1 COAX (Metallic Insert)
10T10** 10 #8 TRIAX/COAX (#8 Grounded to Shell) (Metallic Insert)
24** 24 #12
49T2** 47 #20 2 #8
60** 60 #20
71W1 70 #22 1 #1 COAX
71W1B 70 #22 1 #1 COAX
110** 100 #22 5 #12 & 5 #20
150 150 #22
120T2 ** 118 #22 2 #8 TWINAX/COAX (#8 Grounded to Shell)
121** 110 #22 5 #16 6 #20
** Pending ARINC release. REAR SURFACE WHITE ON BLUE TO INDICATE REAR RELEASE. REAR REMOVAL CONTACTS FOR INSERTS CONTAINING STANDARD SIGNAL & POWER CONTACTS (For Contact Cavity Location and Contact Cavity Identification refer to ARINC 600 or consult factory)
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
9
ARINC 600
Contact Arrangements - Shell Sizes 2 and 3
BKAF - Available Receptacle Shell ONLY (Front Release) SHELL CAVITY A, B, D, E,
BKAD/E/F
71W1 70 #22
71W1B 70 #22
10T10** 10 #8
121F** 110 #22 6 #20 5 #16
150 150 #22 ENGAGING END SURFACE WHITE ON RED TO INDICATE FRONT RELEASE FRONT REMOVAL CONTACTS FOR INSERTS CONTAINING STANDARD SIGNAL & POWER CONTACTS
BKAF - Available Receptacle Shell ONLY (Front Release) SHELL CAVITY C, F
6T6** 6 #8
13W2 4 #20 3 #16 4 #12 2 #5 COAX
100 100 #22
** Pending ARINC release. NOTE #22 CONTACTS ARE SOCKETS, 20HD,16, 12 ARE PIN CONTACTS. ENGAGING END SURFACE WHITE ON RED TO INDICATE FRONT RELEASE, FRONT REMOVAL CONTACTS FOR INSERTS CONTAINING STANDARD SIGNAL & POWER CONTACTS (For Contacts Cavity Location and Contact Cavity Identification refer to ARINC 600 or Consult Factory)
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
10
ARINC 600
Waveguide Connections
BKAD/E/F
WAVEGUIDE DETAIL SHOWN FULLY ENGAGED -E-ANO ENGAGEMENT 1.255 (31.88) 1.370 (34.80) 1.310 (33.27) .522 (13.26 FULLY .488 (12.40) ENGAGED CONN. PLUG CONN. RECEPTACLE
1.416 / 1.404 (35.97) / (35.61)
1.091 / 1.079 (27.71) / (27.41) 4 #8-32 UNC-2B THRU HOLES
INSULATOR AND WAVEGUIDE RETAINING PLATE 2.810 (71.37) 2.690 (68.33) Plug Receptacle
Polarization (Engaging End)
BKA*1 BKA*2 BKA*3
CENTER POST RIGHT POST LEFT POST
CENTER POST RIGHT POST LEFT POST
CENTER POST RIGHT POST LEFT POST
CENTER POST RIGHT POST LEFT POST
CENTER POST RIGHT POST LEFT POST
CENTER POST RIGHT POST LEFT POST
PLUG
RECEPTACLE
PLUG
RECEPTACLE
PLUG
RECEPTACLE
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
11
ARINC 600
Polarizing Positions
BKAD/E/F
POST Kit P/N 320-1067-003 Plug Shell
Position Left Post Center Post Right Post Position Left Post Center Post Right Post Position Left Post Center Post Right Post Position Left Post Center Post Right Post
KEY Kit P/N 320-1067-000 Receptacle Shell
Position Left Post Center Post Right Post Position Left Post Center Post Right Post
01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75
1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 3 3 3
1 1 1 1 1 1 6 6 6 6 6 6 5 5 5 5 5 5 4 4 4 4 4 4 3 3 3 3 3 3 2 2 2 2 2 2 1 1 1 1 1 1 6 6 6 6 6 6 5 5 5 5 5 5 4 4 4 4 4 4 3 3 3 3 3 3 2 2 2 2 2 2 1 1 1
76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150
4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6
3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 5 5 5 5 5 5
1 1 1 6 6 6 6 6 6 5 5 5 5 5 5 4 4 4 4 4 4 3 3 3 3 3 3 2 2 2 2 2 2 1 1 1 1 1 1 6 6 6 6 6 6 5 5 5 5 5 5 4 4 4 4 4 4 3 3 3 3 3 3 2 2 2 2 2 2 1 1 1 1 1 1
151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 209 210 211 212 213 214 215 216
1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6
6 6 6 6 6 6 5 5 5 5 5 5 4 4 4 4 4 4 3 3 3 3 3 3 2 2 2 2 2 2 1 1 1 1 1 1 6 6 6 6 6 6 5 5 5 5 5 5 4 4 4 4 4 4 3 3 3 3 3 3 2 2 2 2 2 2
01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75
4 4 4 4 4 4 5 5 5 5 5 5 6 6 6 6 6 6 1 1 1 1 1 1 2 2 2 2 2 2 3 3 3 3 3 3 4 4 4 4 4 4 5 5 5 5 5 5 6 6 6 6 6 6 1 1 1 1 1 1 2 2 2 2 2 2 3 3 3 3 3 3 4 4 4
5 6
4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 2 2 2
4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2
76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150
4 4 4 5 5 5 5 5 5 6 6 6 6 6 6 1 1 1 1 1 1 2 2 2 2 2 2 3 3 3 3 3 3 4 4 4 4 4 4 5 5 5 5 5 5 6 6 6 6 6 6 1 1 1 1 1 1 2 2 2 2 2 2 3 3 3 3 3 3 4 4 4 4 4 4
2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 6 6 6 6 6 6
1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5
151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 209 210 211 212 213 214 215 216
5 5 5 5 5 5 6 6 6 6 6 6 1 1 1 1 1 1 2 2 2 2 2 2 3 3 3 3 3 3 4 4 4 4 4 4 5 5 5 5 5 5 6 6 6 6 6 6 1 1 1 1 1 1 2 2 2 2 2 2 3 3 3 3 3 3
6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 6 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5 4 3 2 1 6 5
1
2
3
4
Dark area represents post
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
12
ARINC 600
Contact and Termination Tooling Data
BKA* (LIF) Crimp Contacts
Contact Size and Part Numbers Part Numbers Size Pin Used in Plug 030-2259-000 Socket Used in Recep. 031-1287-000 Used in Plug 031-1302-000 Used in Plug 031-1303-000 Used in Plug 031-1308-000 Tool P/N MIL Spec. ITT Cannon Crimp Tooling Selector# 3 3 4 6 7 4 5 6 7 8 Locator P/N Mil Spec. M22520 /2-23 M22520 /2-08 M22520 /1-02 M22520 /1-11 ITT Cannon 995-0002015 995-0001604 995-0001736 995-0002027 MIL Spec. Insertion/Extraction Tooling ITT Cannon Insertion Extraction Ins./Ext.
BKAD/E/F
Wire Size Insul AWG Dia. Max Strip Length
2222
M22520 995-0001/2-01 584 M22520 995-0001/2-01 584 M22520 995-0001/1-01 585 M22520 995-0001/1-01 585
M81969 /1-01 M81969 /1-02 M81969 /1-03 M81969 /14-04
CIT-DPXMA-22-1 CET-DPXMA-22 980-0004-804 Metal Metal Metal Tip 070256-0000 070317-0000 980-0004-805 Metal Tip 980-0004-806 Metal Tip CIET-12 Plastic
26 24 22 22 20 20 18 16 14 12
.054 (1.4) .071 (1.8) .103 (2.6) .135 (3.4)
.130/.110 (3.3)/(2.8) .167/.147 (4.2)/(3.7) .207/.230 (6.9)/(5.8) .270/.230 (6.9)/(5.8)
Used in Recep 2020HD 030-2273-000 Used in Recep 030-2280-000 Used in Recep 030-2286-000
-
1616
CET 16-9 Plastic CET 12-4 Plastic
1212
-
BKA* Thermocouple Contacts
Contact Size and Part Numbers Part Number Size 2222 Alumel Pin Used in Plug 030-1975-009 Socket Used in Recep. 031-1113-009 Used in Recep. 031-1113-010 Tool P/N MIL Spec. ITT Cannon Crimp Tooling Selector# 3 3 4 Locator P/N Mil Spec. ITT Cannon MIL Spec. Insertion/Extraction Tooling ITT Cannon Insertion Extraction Ins./Ext. Wire Size Insul AWG Dia. Max Strip Length
Used in Plug 2222 Chromel 030-1975-010
M22520 /2-01
995-0001 584
M22520 /2-23
995-0002015
M81969 /1-01
CIT-DPXMA-22-1 CET-DPXMA-22 980-0004-804 Metal Metal Metal Tip 070256-0000 070317-0000
26 24 22
.054 (1.4)
.130/.110 (3.3)/(2.8)
BKAF-ARINC 600 Size 22 Wrap Post Socket Contacts With .025(6.35) Square Wire-Wrappable Tails-Receptacle Only. The new low insertion force, front-insertable, front-removable #22 socket contacts with .025(6.35) square wire wrappable tails are now available for use in the BKAF non-enviornmental receptacle version only. These contacts can be sold separately or they can be supplied with a connector (see How to Order). Use part numbers shown in the table on the right when ordering separately.
Contact Mod. WA WB WC WD Part Number 031-1351-000 031-1351-001 031-1351-002 031-1351-003 Number of Wraps 1 2 3 3 Min. Post Extension .250 (6.35) .375 (9.52) .500 (12.70) .641 (16.28) CET-BKAF 22S Extraction Tool
BKAF Printed Circuit Solder Post Socket Contacts Size 22 with .025(6.35) Dia. Printed Circuit Tails-Receptacle Only. The new low insertion force, front-insertable, front-removable #22 socket contacts with .025(6.35) dia., PC tails are now availble for use in the BKAF non-environmental receptacle version only. These contacts can be sold separately or they can be supplied with a connector (see How to Order). Use part numbers shown in the table on the right when ordering separately.
Contact Mod. SA SB SC SD Part Number 031-1352-000 031-1352-001 031-1351-002 031-1352-003 Min. Post Extension .150 (3.81) .250 (6.35) .375 (9.52) .500 (12.70) CET-BKAF 22S Extraction Tool
BKAD/F Solder Post, Power Pin Contacts (Captive)-Receptacle Only. Contacts are captivated between two unbonded insulator halves.
Contact Size 2D HD 16 12
Part Number 030-2358-000 030-2357-000 030-2356-000
Post Dia. .032 (0.81) .050 (1.27) .081 (2.06)
Min. Post Extenstion* .150 (3.81) .150 (3.81) .150 (3.81)
*Consult facotry for other available lengths
BKAF Solder Post Pin Contact Front Release
Contact Size 20HD 16HD 12HD Part Number 030-3287-000 030-3287-001 030-3287-002 Post Dia. .030 (0.76) .050 (1.27) .081 (2.06)
Min. Post Extension .300* (7.62) .300* (7.62) .300* (7.62)
Extraction Tool 317-1798-00 317-1798-02 317-1798-02
*Applies to BKAF 13W2 and 5W2 inserts only
Front Release Pin Contacts Size 20 and 16
Contact Size 20 20 16 16 16 20
Part Number 030-3296-001 030-3296-002 030-3297-001 030-3297-002 030-3297-005 030-3296-004
PC Tail Dia. .034 (0.86)/.030 (0.76) .034 (0.86)/.030 (0.76) .052 (1.32)/.048 (1.22) .052 (1.32)/.048 (1.22) .052 (1.32)/.048 (1.22) .034 (0.86)/.030 (0.76)
Min. Post Extension .260 (6.60) .385 (9.78) .260 (6.60) .385 (9.78) .300 (7.62) .300 (7.62)
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
13
ARINC 600 Rack and Panel Connectors
Size 5 Coax Contact (Rear insertable/removable)
Crimp Center Contact-Conforming to ARINC 600 Crimp Tooling Center Contact Part Number Cable Accommodation
RG-58C/U BA-5903 (BG) 5021K1011 (Raychem) RG-223 RG-400 RG-316
BKAD/E/F
Outer Shell Locator MIL STD ITT Cannon Complete Tool
CCT-HX3-156
Tool
Pin (Receptacle Connector)
349-0014-000
Socket (Plug Connector)
349-0013-000
MIL Spec
M22520/2-01
ITT Cannnon
995-0001-584
Daniels
K-345
ITT Cannon
995-0002-049
Frame
M22520/5-01
Jaw
M22520/5-45B
Extraction Tool
CET-C8
349-0016-000 349-1060-100 -
349-0015-000 349-1059-000 349-1003-000 349-1004-000
M22520/2-01 M22250/2-01 M22250/2-01 M22250/2-01
995-0001-584 995-0001-584 995-0001-584 995-0001-584
K-345 K-345 K-345 K-345
995-0002-049 995-0002-049 995-0002-049 995-0002-049
M22520/5-01 M22520/5-01 M22520/10-01 M22520/10-01
M22520/5-45B M22520/5-45B M22520/10-23 M22520/10-23
CCT-HX3-156 CCT-HX3-156 -
CET-C8 CET-C8 CET-C8 CET-C8
Size 12 Shielded Contact (Rear insertable/removable)
Crimp Tooling Center Contact Part Number
Cable Accommodation RG-196A/U 5071 (HW) RG-174/U BMS-1348 (BG) Pin (Receptacle Connector) 249-1767-000 Socket (Plug Connector) -
Tool P/N
ITT Cannon 995-0001-584
Locator P/N
ITT Cannon 995-0002-051
Outer Shell Tool
MIL Std Frame M22520/1-01 Jaw M22520/10-05A ITT Cannon 995-0001-071
Tool
ITT Cannon CET-12-4 Plastic CET-12-4 Plastic CET-12-4 Plastic CET-12-4 Plastic
MIL Spec M22520/2-01
Daniels K-182
MIL Spec M81969/28-02
249-1767-001 -
249-1768-000 249-2203-000
M22520/2-01 M22520/2-01 M22520/2-01
995-0001-584 995-0001-584 995-0001-584
K-182 K-182 K-644
995-0002-051 995-0002-051 995-0002-050
M22520/1-01 M22520/1-01 M22520/1-01
M22520/10-05A M22520/10-05A M22520/10-05A
995-0001-071 995-0001-071 995-0001-071
M81969/28-02 M81969/28-02 M81969/28-02
Size 1 Modified Coaxial Contacts (4W4 Layout Only)
Plug Connector
Coax Cable Accommodation RG214 AA-5886 RG393 ECS 311201 AA-5887 AA-5888 RG142 Various Part Number 349-1043-001 349-1048-000 349-1051-000 349-1046-000 349-1049-000 349-1050-000 349-1047-000 349-1047-001 Style Straight Straight Straight Straight Straight Straight Straight TNC Adapter Replacement Termination Kits Solder Type 320-1066-000 320-1066-002 320-1066-003 320-1066-001 320-1066-004 320-1066-005 320-1066-006 CrimpType 320-1066-016 320-1066-018 320-1066-019 320-1066-017 320-1066-013 320-1066-014 320-1066-015 -
Customer Use Drawings: All Coax contacts (except 349-1047-001) customer use drawing #349-0000-305 Crimp termination kits: Customer use drawing #320-0000-305 Solder termination kits: Customer use drawing #320-0000-304 Receptacle Connector
Coax Cable Accommodation RG316 DS RG142 Various Part Number 349-1051-002 349-1044-000 349-1042-000 Style Straight Straight SMA Adapter Replacement Termination Kits Solder Type CrimpType 320-1066-008 320-1066-007 N/A N/A -
Customer Use Drawings: Coax contacts 349-1051-002 and 349-1044-000 are located on cusomter use drawing #349-0000-304 Coax contacts 349-1042-000 is located on cusomter use drawing #320-1042-000
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
14
ARINC 600 Rack and Panel Connectors
Sizes 1 Coax Contacts (71W1 layout only)
Same standard coax contacts as used in ITT Cannon's DPX (ARINC 404) connector series. Receptacle Connector
Cable Accommodation RG-9/U RG-214/U NSA 935354 NSA 935355 RG-55/U RG-58/U RG-142/U RG-400/U RG-58/U RG-142/U RG-225/U RG-402/U UT-141 RG-402/U UT-141 SMA Jack Termination Coax Part Number 249-1521-000 Style Replacement Coax Termination Kit 249-1521-002 249-2201-000
BKAD/E/F
Replacement Coax Body Assembly 021-0144-000
-
249-1554-000
Straight
249-1554-002
021-0144-003
249-1604-001 90 249-1604-002 249-5027-008 249-5027-017 Straight Straight 249-5027-016 249-1604-003
021-0144-006
021-0144-001 -
Plug Connector
Cable Accommodation RG-9/U NSA 935354 NSA 935355 RG-58/U RG-142/U RG-402/U RG-214/U RG-115/U Coax Part Number 249-1522-000 249-1882-000 249-1885-002 249-5123-000 249-5123-001 Straight Straight 320-0051-000 249-5027-013 249-5027-015 021-0144-011 021-0144-008 Straight Style Replacement Coax Termination Kit 249-1522-002 249-2202-000 021-0144-004 Replacement Coax Body Assembly
Sizes 1 Coax Contacts (To be used with connectors containing 71W1A, 71W1B and 2W2 insert modifier-"M")
Designed to be interchangeable with contacts made by other manufacturers.
Receptacle Connector
Cable Accommodation RG-142B/U RG-402/U UT-141 SMA Jack Termination RG-214/U RG-393/U BA-6903 (BG) 5012H3012 (Raychem) RG-142B/U RG-402/U UT-141 Part Number 349-0021-000 349-0022-000 349-0023-000 Style Right Angle Right Angle Straight
Plug Connector
Cable Accommodation RG-214/U RG-393/U BA-6903 5012H3012 (Raychem) RG-142B/U Standard Size 1 Part Number 349-0017-000 349-0017-000 349-0017-000 349-0018-000 349-0005-000 349-0007-000 Modular Size 1 Part Number 349-1053-003 349-1053-007 349-1053-006 349-1053-008 349-1053-005 349-1053-004 349-1053-003 349-1053-002 349-1053-001 349-1053-000 Termination Kit for Modular Size 1 Coax 320-1066-000 320-1066-003 320-1066-006 320-1066-005 320-1066-002 320-1066-001 320-1066-004 Straight Straight Straight Straight Straight Straight Straight Straight Straight Straight Straight Style
349-0002-000
Straight
RG-402/U UT-141 AA-5888
349-0004-000 349-0006-000 349-0008-000
Straight Straight Straight
ECS-310801 AA-5886 BSX-7004-502 ECS-311201 AA-5887 Adam Russell PC-38
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
15
ARINC 600 Rack and Panel Connectors
Size 8 Coaxial Contacts
Plug Connector
Contact Type Socket Part Number 349-1087-000 349-1087-001 **Termination *Engagement Short Long Crimp RR-RR X X Crimp FR-RR Solder .250 (6.35) FR-FR .375 (9.52)
BKAD/E/F
RF Cable Number Adams-Russell Co. Inc. FC11Z Adams-Russell Co. Inc. FC14Z
Receptacle Connector
Contact Type Socket Part Number 349-1084-000 349-1084-001 349-1084-002 349-1084-003 349-1086-000 349-1086-001 **Termination *Engagement Short X X Long X X X X X X Crimp RR-RR Crimp FR-RR FR-FR .250 (6.35) X X X X Adams-Russell Co. Inc. FC11Z Adams-Russell Co. Inc. FC14Z Solder .375 (9.52) RF Cable Number
Size 8 Twinax Contacts
Plug Connector
Contact Type Socket Part Number 349-1006-000 349-1081-000 **Termination *Engagement Short Long Crimp RR-RR X X Crimp FR-RR Solder .250 (6.35) FR-FR .375 (9.52) RF Cable Number M17/176-00002 Tensolite Co. 24463/9 B017X-2 (LD)
Receptacle Connector
Contact Type Socket Part Number 349-1007-000 349-1080-000 349-1080-001 349-1080-002 349-1080-003 349-1082-000 349-1082-001 349-1088-000 **Termination *Engagement Short X X X Long X X X X X X X Crimp RR-RR X X X X X Tensolite Co. 24463/9 B017X-2 (LD) Tensolite Co. 24463/9 B017X-2 (LD) Tensolite Co. 24463/9 B017X-2 (LD) Crimp FR-RR Solder .250 (6.35) FR-FR .375 (9.52) RF Cable Number M17/176-00002
Size 8 Ground Contacts
Plug Connector
Contact Type Socket Part Number 031-3300-000 **Termination *Engagement Short Long Crimp RR-RR X Crimp FR-RR Solder .250 (6.35) FR-FR .375 (9.52) Wire Size 8, 10 AWG
Receptacle Connector
Contact Type Socket Part Number 030-3306-000 030-3306-001 030-3676-000 **Termination *Engagement Short Long X X X Crimp RR-RR Crimp FR-RR Solder .250 (6.35) X X FR-FR .375 (9.52) Wire Size 8, 10 AWG 8, 10 AWG 8, 10 AWG
* The electrical engagement of "Long" contacts is .150 (3.81) greater than the electrical engagement of "Short" contact. **RR-RR indicates rear release, rear removal. FR-RR indicates front release, rear removal. FR-FR indicates front release, front removal. Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
16
ARINC 600 Rack and Panel Connectors
Sealing Plugs-BKAE Environmental Connnectors Only
P/N 225-0090-000 Material: Teflon (All others thermoplastic) Part Number 225-1013-000 225-0070-000 225-0071-000 225-0072-000 225-0090-000 A C B A C B Contact Size 22 20 16 12 #5 and #9 Coax Color Black Red Blue Yellow White A .063 (1.6) .085 (2.2) .115 (2.9) .171 (4.3) .365 (9.3)
BKAD/E/F
B .040 (1.0) .065 (1.6) .075 (1.9) .121 (3.1) .287 (7.3)
C .469 (11.9) .469 (11.9) .469 (11.9) .564 (14.3) .835 (21.2)
Filler Plugs-BKAD Non-Environmental Connectors Only
P/N 225-0099-000 Material: Teflon (All others thermoplastic) Part Number 225-0094-000 225-0095-000 225-0096-000 B A C C BKAF P/N 225-1058-000 (Size 22 - Black) (See Customer Use Drawing for details) 225-0099-000 B A 225-0097-000 225-0098-000 Contact Size 22 20 16 12 #5 Coax (Pin) #5 and #9 Coax (Socket) Color Black Red Blue Yellow White White A .069 (1.7) .083 (2.1) .131 (3.3) .187 (4.7) .275 (7.0) .275 (7.0) B .051 (1.3) .069 (1.7) .108 (2.7) .156 (4.0) .251 (6.4) .251 (6.4) C .420 (10.7) .350 (8.9) .320 (8.1) .320 (8.1) .450 (11.4) 1.061 (26.9)
Cavity Reducer
#5 Coax to #12 Contact Cavity reducers are available when additional circuits are required for siz 12 power contacts. These reducers, having the internal configuration of size 12 power contact, are inserted into the size 5 coaxial insulator cavity to create size 12 power contact cavity.
Pin P/N 021-8756-000 Socket P/N 021-8757-000
Dust Caps
Conductive dust caps protect against static electricity. Part Number 025-1121-001 025-1122-001 025-1123-001 025-1124-001 Description BKAD 1-A & B-Plug BKAD 1-C-Plug BKAD 2&3-A & B-Plug BKAD 2&3-C-Plug Part Number 025-1155-001 025-1156-001 025-1157-001 025-1158-001 Description BKAD 1-A&B-Receptacle BKAD 1-C-Receptacle BKAD 2&3-A & B-Receptacle BKAD 2&3-C-Receptacle
Note: Supplied as standard for BKA product line only.
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
17
ARINC 600 Rack and Panel Connectors
Replaceable Inserts
Part Number Layout 2W2** A 4W4** Class BKAD BKAE BKAE BKAD BKAE BKAD 5W2 BKAE BKAF 6 BKAE BKAD 6T6 BKAE BKAF BKAD 10T10 BKAE BKAD 13W2 BKAE BKAF BKAD 30T2 BKAE BKAD 34 40 59* 60-#20** BKAE BKAE BKAE BKAE BKAD 60-#22** BKAE BKAF BKAD 71W1 BKAE BKAF BKAD 71W1A* BKAE BKAF BKAD 71W1B BKAE BKAF BKAD 85 BKAE BKAF BKAD 100 BKAE BKAF 110 BKAE BKAD 120T2 BKAE BKAF BKAD 121 BKAE BKAD 150 BKAE BKAF Pin Assembly 144-2944-000 144-2944-000 143-1156-001 177-1000-002 177-1000-002 143-1912-000 143-1912-001 143-1141-000 143-1154-001 228-1026-002 228-1026-001 N/A 228-1027-002 228-1027-001 143-1908-000 143-1908-001 143-1142-000 143-1173-000 143-1173-001 143-1159-001 143-1097-005 143-1171-001 143-1167-001 143-3714-003 143-1910-000 143-1910-001 N/A 143-1958-000 143-1958-002 N/A 143-2085-001 143-2085-000 N/A 143-1113-000 143-114-000 N/A 143-3877-000 143-3879-000 N/A 143-2015-000 143-2015-001 N/A 143-1182-000 N/A 143-1165-001 N/A 143-1150-002 143-1150-001 143-1906-000 143-1906-001 N/A
BKAD/E/F
Socket Assembly 144-2945-000 144-2945-000 143-1157-001 177-1001-004 177-1001-004 143-1913-000 143-1913-001 N/A 143-1155-001 228-1012-003 228-1012-001 228-1015-001 N/A 228-1014-002 143-1909-000 143-1909-001 N/A 143-1174-000 143-1174-001 N/A 143-1098-005 143-1172-001 143-1170-001 143-3715-003 143-1911-000 143-1911-001 143-2065-000 143-1960-000 143-1960-002 143-2090-000 143-2086-001 143-2086-000 143-2066-000 143-1111-000 143-1112-000 143-1118-000 143-3878-000 143-3880-000 143-1178-000 143-2016-000 143-2016-001 143-2067-000 143-1183-000 143-1166-002 143-1166-001 143-1177-000 143-1158-002 143-1158-001 143-1907-000 143-1907-001 143-2068-000
Consult factory for Insert Part Numbers not listed. *Modified 71W1 insert to be used with connectors containing 71W1 insert modifier "M" **"Pin Inserts' accept receptacle coax contacts. "Socket Inserts" accept plug coax contacts.
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
18
A R INC 600 R ack and Panel Connectors
Cross Reference-Part Number/Customer-Use Drawing
COMPONENT PART NUMBER Contacts 030-1975-009 030-1975-010 030-2259-000 030-2273-000 030-2280-000 030-2286-000 030-2356-000 030-2357-000 030-2358-000 031-1113-009 031-1113-010 031-1287-000 031-1302-000 031-1303-000 031-1308-000 031-1351-000 031-1351-001 031-1351-002 031-1351-003 031-1352-000 031-1252-000 031-1252-002 031-1352-003 Replacement Coax Body Assembly 021-0144-000 021-0144-001 021-0144-002 021-0144-003 021-0144-004 021-0144-006 021-0144-008 021-0144-011 Size #5 Coax Contacts 349-0013-000 349-0014-000 349-0015-000 349-0016-000 349-1003-000 349-1009-000 Size #12 Shielded Contact 249-1767-000 249-1767-001 249-1768-000 249-2203-000 Replaceable Inserts 143-1906-000 143-1906-001 143-1907-001 143-1907-001 For part numbers not listed, consult ITT Cannon for applicalbe customer-use drawing. 143-0000-079 249-1767-000 249-1767-001 249-1768-000 249-2203-000 349-0000-000 349-0000-001 349-0000-002 349-0000-001 349-000-301 021-0144-000 021-0144-001 021-0144-002 021-0144-003 021-0144-004 021-0144-006 021-0144-008 021-0144-011 031-0000-344 031-0000-343 030-1975-009 030-1975-010 030-2259-000 030-2273-000 030-2280-000 030-2286-000 030-2356-000 030-2357-000 030-2358-000 031-1113-009 031-1113-010 031-1287-000 031-1302-000 031-1303-000 031-1308-000 CUSTOMER USE DRAWING NUMBER COMPONENT PART NUMBER 143-1908-000 143-1908-001 143-1909-000 143-1909-001 143-1910-000 143-1910-001 143-1911-000 143-1911-001 143-1912-000 143-1912-001 143-1913-000 143-1913-001 143-1958-000 143-1958-002 143-1960-000 143-1960-002 143-2015-000 143-2015-001 143-2016-000 143-2016-001 143-2065-000 143-2066-000 143-2067-000 143-2068-000 143-2085-000 143-2085-001 143-2086-000 143-2086-001 Size #1 Coax Contacts 249-1521-000 249-1522-000 249-1522-002 249-1554-000 249-1604-000 249-1604-001 249-1604-002 249-1882-000 249-1882-002 249-1885-002 249-5027-008 249-5027-017 249-5123-000 249-5123-001 349-1053-000 349-1053-001 349-1053-002 349-1053-003 349-1053-004 3491053-005 349-1053-006 349-1053-007 349-1053-008 349-1053-009 349-0000-306 249-5027-008 249-5027-017 249-5027-000 249-5027-007 Sealing Plugs 225-0072-000 225-0090-000 225-1013-000 225-1014-000 225-1015-000 249-1521-000 249-1522-000 249-1522-002 249-1554-000 249-1604-000 249-1604-001 249-1604-002 249-1882-000 1250Y 143-0000-079 1247Y 143-0000-078 143-0000-079 143-0000-080 143-0000-077 143-0000-081 CUSTOMER USE DRAWING NUMBER COMPONENT PART NUMBER
B K A D/E /F
CUSTOMER USE DRAWING NUMBER
Replacement Coax Termination Kit 249-1521-002 249-1522-009 249-1522-010 249-1554-002 249-1604-003 249-1604-004 249-2201-000 249-2202-000 249-5027-013 249-5027-015 249-5027-016 320-0051-000 320-1066-000 320-1066-001 320-1066-002 320-1066-003 320-1066-004 320-1066-005 320-1066-006 Dust Caps 025-1121-001 025-1122-001 025-1123-001 025-1124-001 025-1155-001 025-1156-001 025-1157-001 025-1158-001 Filler Plugs 225-0094-000 225-0095-000 225-0096-000 225-0097-000 225-0098-000 225-0099-000 225-1058-000 225-0000-014 025-0000-055 (Conductive Only) 025-0000-054 (Conductive Only) 320-000-305 249-1521-002 249-1522-010 249-1522-010 249-1554-002 249-1604-003 249-1604-004 249-1521-002 249-1522-010 249-5027-013 249-5027-007 249-5027-016 1250Y
225-0000-006 225-0090-000 225-0000-008
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
19
ARINC 600 Rack and Panel Connectors
ARINC 600 Connector Engaging Sequence
PLUG RECEPTACLE Mating Sequence 1 2 Flange Position With: No Engagement Shells Initially Engaged Polarizing Pins Entering Keys Contacts Entering Mating Insulator #22
BKAD/E/F
Flange Spacing in. (mm) 1.245 (31.62) Nom. 1.110 (28.19) 1.073 (27.25) 1.073 (27.25) 1.023 (25.88)
#22
3
.800 (22.32) .748 (18.99) .805 (20.44) .741 (18.82) 1.012 (25.70) .949 (24.10) 1.008 (23.60) .953 (24.20) 1
#22 2
4
#20
#16 #12 Miniature Coax #12 #16 #20 MIN COAX Contacts Electrically Engaged #22
.642 (16.30) .547 (13.89) .649 (16.48) .553 (14.04) .728 (18.49) .818 (20.77) .772 (19.60) .692 (17.57) 1 .618 (15.70) .578 (14.68) .522 (13.26) .488 (12.40)
#20 5 7 E (RACK SIDE) A (BOX SIDE) (SHELLS FULLY MATED) 1 (NO ENGAGEMENT) #12 Miniature Coax 2. Size 1 only. 3. Flush head screws are not permitted for connector mounting as they would position connector incorrectly. 4. Dimension 7 was calculated to provide clearance for - MCU backplate mat'l thickness of 2.5 mm (.10 in). - Rack backplate mat'l thickness of 2.5 mm (.10 in). - Connector mounting pan head screws, MCU 2.0 mm (.08 in). - Tolerance allowance - 3.2 mm (.13 in.) rack 2.0 mm (.08 in.) Total - 12.2 (.50 in) (minimum). 6 "0" Ring Engagement (BKAE Only) Shells Fully Mated #16
NOTES: 1 2
1. Varies; See Mil-Spec. (#5 Coax)
7
Dimensions are shown in inches (millimeters). Dimensions subject to change.
www.ittcannon.com
20


▲Up To Search▲   

 
Price & Availability of BKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X